Part Number Hot Search : 
BU252 W12NK 15PFI P6100 DTC643TK A222MP SEF203B PA607UA
Product Description
Full Text Search
 

To Download MMBZ5240B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
350mW Surface Mount Zener Diode
FEATURES
Planar Die Construction. 350mw Power Dissipation. General purpose, medium current. Ideally Suited For Automated Assembly Prcesses.
Production specification
MMBZ5221B-5259B
Pb
Lead-free
APPLICATIONS
350Mw Surface mount zener diode
ORDERING INFORMATION
Type No. MMBZ5221B-MMBZ5259B Marking See Table on page2 Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Characteristic Symbol Value Unit
Forward Valtage@IF=10mA
VF
0.9
V
Power Dissipation Thermal Resistance, Junction to Ambient Air
Pd
350
mW
RjA
357
/W
Operating and Storage Temperature Range
TjTstg
-65 to+150
Notes: 1. Valid provided that device terminals are kept at ambient temperature. 2. Tested with pulses, TP1.0ms.
Document number: BL/SSZDC064 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
350mW Surface Mount Zener Diode
Production specification
MMBZ5221B-5259B
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Maximum Reverse Leakage Current
Zerner Voltage Range Type Number Marking Code VZ@IZT Nom(V) Min(V) Max(V) IZT (mA)
Maximum Zener Impedance
ZZT@IZT
ZZK@IZK=0.25mA ()
IR (A)
VR (V)
MMBZ5221B MMBZ5222B MMBZ5223B MMBZ5225B MMBZ5226B MMBZ5227B MMBZ5228B MMBZ5229B MMBZ5230B MMBZ5231B MMBZ5232B MMBZ5233B MMBZ5234B MMBZ5235B MMBZ5236B MMBZ5237B MMBZ5238B MMBZ5239B
KC1 KC2 KC3 KC5 KG1 KG2 KG3 KG4 KG5 KE1 KE2 KE3 KE4 KE5 KF1 KF2 KF3 KF4
2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1
2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.7 5.89 6.46 7.13 7.79 8.27 8.65
2.52 2.63 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
30 30 30 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600
100 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0
Document number: BL/SSZDC064 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
350mW Surface Mount Zener Diode
Production specification
MMBZ5221B-5259B
Maximum Reverse Leakage Current
Zerner Voltage Range Type Number Marking Code VZ@IZT Nom(V) MMBZ5240B MMBZ5241B MMBZ5242B MMBZ5243B MMBZ5245B MMBZ5246B MMBZ5248B MMBZ5250B MMBZ5251B MMBZ5252B MMBZ5254B MMBZ5255B MMBZ5256B MMBZ5257B MMBZ5258B MMBZ5259B KF5 KH1 KH2 KH3 KH5 KJ1 KJ3 KJ5 KK1 KK2 KK4 KK5 KM1 KM2 KM3 KM4 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39 Min(V) 9.5 10.45 11.40 12.35 14.25 15.20 17.1 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 Max(V) 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 IZT (mA) 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2
Maximum Zener Impedance
ZZT@IZT
ZZK@IZK=0.25mA ()
IR (A)
VR (V) 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80
600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
Document number: BL/SSZDC064 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
350mW Surface Mount Zener Diode
Production specification
MMBZ5221B-5259B
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSZDC064 Rev.A
www.galaxycn.com 4
BL Galaxy Electrical
350mW Surface Mount Zener Diode
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
MMBZ5221B-5259B
SOT-23
SOT-23
Dim A B C D Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device MMBZ5221B-5259B Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSZDC064 Rev.A
www.galaxycn.com 5


▲Up To Search▲   

 
Price & Availability of MMBZ5240B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X